ATS-01F-53-C1-R0
AI

The **ATS-01F-53-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Product Series** | pushPIN™ Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | ATS-PPS-01 |
| **Thermal Resistance (Unducted)** | 2.29 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 30.00mm |
| **Thermal Interface Material (TIM)** | Pre-applied T766 |
---
### 2. Design Characteristics
The part number follows a specific nomenclature used by ATS to define its engineering properties:
* **Finned Design:** This model utilizes a **Straight Fin** geometry. Straight fins provide a large surface area for air to pass through, making them ideal for systems with consistent directional airflow.
* **Attachment (Push-Pin):** Unlike adhesive-based heat sinks, this uses a spring-loaded push-pin mechanism. This ensures consistent pressure (clamping force) against the component, which significantly improves thermal transfer efficiency.
* **Material Science:** The use of **Aluminum 6063** provides a balance between high thermal conductivity and lightweight properties. The **Blue Anodized** finish isn't just for aesthetics; it provides corrosion resistance and slightly increases emissivity.
---
### 3. Application Use Cases
This heat sink is typically found in mid-range power applications where passive cooling is insufficient but space is limited.
1. **Embedded Systems:** Industrial PCs where reliability is critical.
2. **Telecommunications:** Cooling of networking ASICs and high-speed processors.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators in server environments.
---
### 4. Thermal Performance Comparison
The performance of the ATS-01F-53-C1-R0 varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | 100 (0.5 m/s) | 300 (1.5 m/s) | 500 (2.5 m/s) |
| :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 2.29 | 1.15 | 0.82 |
*As the air velocity increases, the thermal resistance drops significantly, allowing the component to stay cooler under load.*
- ⤷
How does the push-pin mounting system compare to adhesive thermal tape?
- ⤷ What are the advantages of blue anodizing over standard aluminum finishes?
- ⤷ Can this heat sink be used with a dedicated fan attachment?