ATS-01F-69-C1-R0
AI

The **ATS-01F-69-C1-R0** is a specific part number for a high-performance **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. While it is a mechanical component, it is essential in electronics for thermal management of active components like CPUs, GPUs, or power MOSFETs.
---
### 1. Technical Specifications
The model number encodes specific physical and thermal characteristics. Here is the breakdown:
| Specification | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Thermal Resistance** | 11.46°C/W (Unducted Flow @ 100 LFM) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
---
### 2. Key Features
* **pushPIN™ Attachment:** This model uses a spring-loaded push-pin mechanism. This provides the necessary pressure for effective heat transfer while making installation faster and more secure compared to adhesive tapes.
* **Cross-Cut Fin Design:** The "69" series features a cross-cut pattern. This allows for multi-directional airflow, making it highly effective in systems where the direction of the cooling fan's air may vary.
* **High Performance:** Designed specifically for high-density electronic packaging where space is limited but heat dissipation requirements are high.
---
### 3. Thermal Performance Data
Thermal management is measured by the temperature rise per watt of power dissipated.
| Airflow Velocity | 100 LFM (0.5m/s) | 300 LFM (1.5m/s) | 500 LFM (2.5m/s) |
| :--- | :--- | :--- | :--- |
| **Unducted Flow** | 11.46 °C/W | 3.92 °C/W | 2.40 °C/W |
| **Ducted Flow** | 2.85 °C/W | 1.74 °C/W | 1.41 °C/W |
---
### 4. Application in Electronics
This heat sink is typically used in the following scenarios:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Embedded Systems:** Industrial PCs where passive or semi-passive cooling is required.
3. **Power Electronics:** Dissipating heat from large voltage regulators or motor drivers.
- ⤷
How do I choose the correct push-pin size for my PCB thickness?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes in terms of thermal performance?
- ⤷ How do I calculate the required Thermal Interface Material (TIM) for this heat sink?