ATS-01F-98-C1-R0
AI

The **ATS-01F-98-C1-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Extruded) |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 15mm |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | ~15.29°C/W (at 200 LFM) |
| **Spring Type** | Compression Spring |
| **Thermal Interface Material (TIM)** | T766 (High Performance Phase Change) |
---
### 2. Breakdown of Components
The ATS-01F-98-C1-R0 is not just a block of metal; it is an assembly consisting of four primary electronic/mechanical parts:
1. **Heat Sink Body (The Fin Array):** Uses a "Straight Fin" design. This geometry is optimized for directional airflow, allowing air to pass through the channels and carry heat away from the base.
2. **Push-Pin Fasteners:** These are the mounting mechanisms. The "-R0" designation indicates a specific spring-loaded push-pin assembly that provides consistent pressure between the heat sink and the chip.
3. **Compression Springs:** These ensure that even under mechanical vibration or thermal expansion, the heat sink maintains firm contact with the electronic component.
4. **Phase Change Material (PCM):** Pre-applied to the bottom. Unlike standard thermal paste, this material changes state from solid to liquid at high temperatures to fill microscopic air gaps more effectively.
---
### 3. Application Use Cases
This component is typically found in industrial and computing environments where space is limited but cooling is critical:
* **Integrated Circuits (ICs):** Cooling FPGAs or ASICs on a PCB.
* **Telecommunications:** Used in routers and switches to manage heat in dense line cards.
* **Power Electronics:** Cooling MOSFETs or voltage regulators.
---
### 4. Part Number Decoding
Understanding the manufacturer's code helps in identifying replacements:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **01F:** Part of the "push-pin" heat sink series.
* **98:** Represents the specific dimensions/fin configuration.
* **C1:** Indicates the thermal performance grade.
* **R0:** Refers to the specific revision and packaging style.
- ⤷
What are the airflow requirements for the ATS-01F-98-C1-R0 to achieve its rated thermal resistance?
- ⤷ How does the Push-Pin mounting compare to adhesive-based heat sinks?
- ⤷ Are there alternative Thermal Interface Materials (TIMs) that can be used with this heat sink?