ATS-01G-10-C2-R0
AI

The **ATS-01G-10-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **pushPIN™** series, designed specifically for cooling electronic components such as processors, chipsets, and GPUs.
### 1. Technical Specifications
The following table summarizes the core electronic and mechanical properties of the part:
| Property | Value / Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Body) / Copper (optional base) |
| **Thermal Resistance** | 7.89°C/W @ 100 LFM |
| **Dimensions (L x W)** | 45.00mm x 45.00mm |
| **Height** | 25.00mm |
| **Attachment Method** | Push-pin (Brass/Plastic) |
| **Surface Finish** | Blue Anodized |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Functional Electronic Components
The "electronic" nature of this part is passive, but its design is critical for the survival of active electronics.
#### A. Thermal Management (Thermal Resistance)
The primary function is to dissipate heat generated by semiconductors. The performance varies based on airflow (measured in Linear Feet per Minute - LFM):
* **Unducted Flow:** 7.89°C/W @ 100 LFM.
* **Ducted Flow:** 1.47°C/W @ 500 LFM.
Lower resistance values indicate more efficient heat transfer from the silicon die to the ambient air.
#### B. Push-pin Attachment System
This part utilizes a spring-loaded push-pin system. This is crucial for:
1. **Uniform Pressure:** Ensures the heat sink makes consistent contact with the electronic component.
2. **Vibration Resistance:** Securely holds the heat sink in place during industrial or automotive vibration.
3. **Tool-free Installation:** Allows for rapid assembly in manufacturing environments.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied. This is a high-performance phase-change or grease-like material that fills microscopic air gaps between the heat sink and the electronic component (CPU/IC), significantly reducing contact resistance.
---
### 3. Applications
This specific model is commonly used in:
* **Telecommunications:** Cooling FPGA and ASIC chips.
* **Power Supplies:** Dissipating heat from high-wattage transistors.
* **Embedded Systems:** Industrial PCs and automation controllers.
---
- ⤷What is the difference between ducted and unducted airflow for this heat sink?
- ⤷ Can the push-pin hardware be customized for different PCB thicknesses?
- ⤷ How does the T766 thermal material compare to standard thermal paste?