ATS-01G-101-C2-R0
AI

The **ATS-01G-101-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** heat sink assembly series, designed to provide efficient cooling for electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Body), Brass (Pin) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Thermal Resistance** | 6.69°C/W (at 100 LFM) to 1.74°C/W (at 700 LFM) |
| **Dimensions** | 45mm x 45mm x 30mm |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Design and Construction
The "electronic parts" of this assembly consist of the mechanical interface and the thermal management profile:
* **Heat Sink Profile:** It features a **Straight Fin** design. This maximizes surface area while allowing air to flow through the fins, making it ideal for systems with high-velocity airflow.
* **Push-Pin Attachment:** Instead of screws or adhesive tape, it uses a brass push-pin mechanism. This provides a consistent "pressure force" on the electronic chip, ensuring optimal contact with the Thermal Interface Material (TIM).
* **Thermal Interface Material (TIM):** The unit comes with **T766** pre-applied. This is a high-performance phase-change material or grease that fills microscopic air gaps between the heat sink and the electronic component to lower thermal impedance.
---
### 3. Thermal Performance (LFM - Linear Feet per Minute)
The effectiveness of this part depends heavily on the airflow within the electronic enclosure:
| Airflow Velocity | 100 LFM | 300 LFM | 500 LFM | 700 LFM |
| :--- | :--- | :--- | :--- | :--- |
| **Resistance (Unducted)** | 6.69 °C/W | 2.52 °C/W | 1.82 °C/W | 1.50 °C/W |
| **Resistance (Ducted)** | 2.50 °C/W | 1.63 °C/W | 1.35 °C/W | 1.19 °C/W |
---
### 4. Part Number Breakdown
The part number identifies specific physical characteristics:
* **ATS:** Manufacturer (Advanced Thermal Solutions)
* **01G:** Series/Style designation
* **101:** Specific dimensions and fin configuration
* **C2:** Material/Finish code (Blue Anodized Aluminum)
* **R0:** Revision/Packaging code
---
- ⤷
What are the advantages of using push-pins over thermal adhesive tape?
- ⤷ How do I calculate the required LFM for a specific component using this heat sink?
- ⤷ Is the T766 TIM suitable for high-temperature automotive electronics?