ATS-01G-150-C2-R0
AI

The **ATS-01G-150-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
### 1. Technical Specifications
Below are the key mechanical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Attachment Method** | Push-pin (Spring-loaded) |
| **Material** | Aluminum (Body) / Blue Anodized (Finish) |
| **Thermal Resistance** | 4.82°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 35.00mm x 35.00mm |
| **Height (Fin)** | 25.00mm |
| **Pin Pitch** | 40.00mm |
---
### 2. Physical Design and Construction
The design of the ATS-01G-150-C2-R0 is optimized for efficiency in airflow:
* **Fin Style (Straight Fin):** This model typically features a straight-fin design, which offers low pressure drop and is ideal for systems with a steady direction of airflow (forced convection).
* **Material:** It is made of Aluminum, which provides a high thermal conductivity to weight ratio.
* **Blue Anodized Finish:** This treatment increases the surface emissivity (improving radiation heat transfer) and protects the aluminum from corrosion.
* **Thermal Interface Material (TIM):** This part usually comes pre-applied with **T766**, a high-performance phase-change material that ensures the microscopic gaps between the chip and the heat sink are filled for maximum heat transfer.
---
### 3. Attachment Mechanism: pushPIN™
One of the defining features of this part is its mounting system:
1. **Push-Pins:** These are plastic or metal pins that snap into pre-drilled holes on the PCB.
2. **Compression Springs:** The pins are paired with springs that apply a precise, consistent amount of pressure on the component. This ensures the best possible contact with the heat source without damaging the silicon or the PCB.
3. **Ease of Assembly:** It allows for quick installation and removal during manufacturing or maintenance.
---
### 4. Typical Applications
This heat sink is commonly used in:
* **Embedded Systems:** For cooling mid-range processors.
* **Telecommunications:** Cooling ASICs in networking switches or routers.
* **Power Electronics:** Dissipating heat from high-speed voltage regulators.
- ⤷
How does the thermal resistance of this part change with different airflow speeds (LFM)?
- ⤷ What are the specific PCB hole diameter requirements for the push-pin mounting?
- ⤷ How does 'Blue Anodized' compare to 'Black Anodized' finishes in terms of thermal performance?