ATS-01G-19-C2-R0
AI

The **ATS-01G-19-C2-R0** is a specific electronic component categorized as a **Heatsink**, designed by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series and is engineered for high-performance thermal management in electronic assemblies.
---
### 1. Technical Specifications
The following table highlights the core technical data for this component:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 9.77°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Resistance** | 3.32°C/W (Ducted Flow) |
| **Dimensions (L x W)** | 54.00mm x 54.00mm |
| **Height (H)** | 20.00mm |
| **Pitch** | Fine-Pitch |
---
### 2. Key Components & Features
#### A. The Heat Sink Body
* **Geometry:** It features a "Fine-Pitch" design. This means it has a high density of fins, providing a larger surface area to dissipate heat into the surrounding air.
* **Material:** Constructed from high-quality aluminum for optimal thermal conductivity and lightweight properties.
#### B. The pushPIN™ Attachment System
Instead of using messy adhesives or thermal tape, this part uses a mechanical attachment system:
* **Push Pins:** Durable brass or plastic pins that snap into pre-drilled holes on the PCB.
* **Compression Springs:** These provide a precise amount of "force" (pressure) to ensure the bottom of the heatsink stays in perfect contact with the electronic chip (CPU/GPU/FPGA).
#### C. Thermal Interface Material (TIM)
* The part usually comes with a pre-applied **Thermal Interface Material** on the base. This fills microscopic air gaps between the chip and the heatsink to improve heat transfer.
---
### 3. Part Number Breakdown (Nomenclature)
To understand variations of this part, here is how the code is structured:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **01G** | Series/Configuration Type |
| **19** | Specific size/dimension code |
| **C2** | Thermal performance/fin characteristic |
| **R0** | RoHS Compliant / Revision code |
---
### 4. Application Use Case
This component is typically used in:
* **Networking Equipment:** Routers and switches with high-speed processors.
* **Industrial PCs:** Where vibration resistance is needed (provided by the mechanical pins).
* **Power Supplies:** To cool MOSFETs or other heat-generating semiconductors.
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ How does 'Fine-Pitch' compare to 'Cross-Cut' fin designs in terms of airflow?
- ⤷ Can the pre-applied thermal interface material be replaced with aftermarket paste?