ATS-01G-196-C2-R0
AI

The **ATS-01G-196-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heat Sink**. It is designed to dissipate heat from integrated circuits (ICs), such as CPUs, GPUs, or power transistors.
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Heat Sink Type** | Push-pin Heat Sink (Top Mount) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (with springs) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Thermal Resistance** | 6.17°C/W (at 100 LFM) |
| **Flow Pattern** | Straight Fin |
---
### Core Electronic & Mechanical Features
#### 1. Heat Dissipation Efficiency
The "Straight Fin" design provides a high surface area to volume ratio. This allows air to flow through the fins efficiently, reducing the junction temperature of the electronic component it is attached to.
#### 2. Mounting Mechanism (Push-Pin)
Unlike adhesive-based heat sinks, the **ATS-01G-196-C2-R0** uses a mechanical push-pin system:
* **Compression Springs:** These provide a precise amount of downward force, ensuring consistent contact between the heat sink and the chip.
* **Pre-drilled Holes:** This part requires specific PCB mounting holes (usually 3.0mm diameter) for secure installation.
#### 3. Thermal Interface Material (TIM)
This specific model usually comes with **pre-applied Thermal Interface Material (T412)**. This is a phase-change material that fills microscopic air gaps between the heat sink and the component, significantly lowering thermal resistance compared to air.
#### 4. Material and Finish
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Coating:** Provides corrosion resistance and slightly improves emissivity for radiant heat transfer.
---
### Application Usage
This part is commonly used in industrial and telecommunications electronics where reliability is critical:
* **Embedded Systems:** For cooling SoCs (System on Chips).
* **Power Supplies:** To manage heat in voltage regulators.
* **Network Equipment:** Used on switches and routers to prevent thermal throttling.
- ⤷
How do I calculate the correct push-pin hole spacing for this heat sink?
- ⤷ What is the difference between this model and the C1 or C3 variants?
- ⤷ Can this heat sink be used with a cooling fan for active thermal management?