ATS-01G-25-C2-R0
AI

The **ATS-01G-25-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for efficient cooling of integrated circuits (ICs) and other electronic surface-mount components.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 60 mm x 60 mm |
| **Height** | 25 mm |
| **Pitch** | Fine-Pitch |
| **Thermal Resistance** | 6.26 °C/W (at 100 LFM) |
---
### 2. Key Features and Components
The part is engineered to solve specific thermal challenges in PCB design:
* **Heat Sink Material:** Made of Aluminum 6063, which provides an excellent balance of thermal conductivity and weight.
* **Push-Pin Attachment:** Features a flexible, spring-loaded mechanism that ensures consistent pressure across the interface between the heat sink and the chip, improving heat transfer.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied, which is a high-performance thermal grease used to fill microscopic air gaps.
* **Finned Design:** Uses a high-density "cross-cut" or fine-pitch fin pattern to maximize surface area for convective cooling.
---
### 3. Thermal Performance Data
Performance varies based on the airflow (Linear Feet per Minute - LFM) within the electronic enclosure:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 6.26 |
| 200 (1.0 m/s) | 2.10 |
| 300 (1.5 m/s) | 1.35 |
| 500 (2.5 m/s) | 0.90 |
---
### 4. Part Number Breakdown
The nomenclature follows the ATS pushPIN™ standard:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **01G:** Series/Base Model.
* **25:** Height of the heat sink (25mm).
* **C2:** Material/Color/Finish (Aluminum/Blue Anodized).
* **R0:** Revision or specific packaging code.
---
- ⤷
What are the mounting hole requirements for the pushPIN system used in this heat sink?
- ⤷ Can this heat sink be used with a different Thermal Interface Material (TIM)?
- ⤷ How does the pressure of the spring impact the lifespan of the underlying PCB?