ATS-01G-49-C2-R0
AI

The **ATS-01G-49-C2-R0** is a high-performance thermal management component specifically designed for cooling electronic integrated circuits (ICs). It belongs to the **pushPIN™** series manufactured by **Advanced Thermal Solutions (ATS)**.
Below is a detailed breakdown of its electronic and physical specifications.
---
### 1. General Specifications
This part is a heat sink assembly designed to dissipate heat from surface-mount components (like CPUs, GPUs, or FPGAs) into the surrounding air.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Part Number** | ATS-01G-49-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded plastic pegs) |
---
### 2. Physical Dimensions
The dimensions are critical for ensuring the heat sink fits within the PCB real estate and height constraints of the device enclosure.
| Dimension | Measurement |
| :--- | :--- |
| **Length/Width (Square base)** | 30.00 mm x 30.00 mm |
| **Height (Profile)** | 20.00 mm |
| **Pitch (Fin spacing)** | Fine-Pitch |
| **Weight** | ~40 grams |
---
### 3. Thermal Performance
The efficiency of a heat sink is measured by its thermal resistance ($^\circ\text{C/W}$). A lower value indicates better heat dissipation.
* **Thermal Resistance (Unducted Flow):** Approximately $5.48^\circ\text{C/W}$ at 200 LFM (Linear Feet per Minute).
* **Thermal Resistance (Ducted Flow):** Performance improves significantly when airflow is contained, dropping to approximately $1.45^\circ\text{C/W}$ at higher velocities.
---
### 4. Technical Features
* **Fin Design:** It uses a **cross-cut** or **straight fin** pattern (depending on the specific revision) optimized for multi-directional airflow.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. This is a high-performance phase-change material that fills the microscopic gaps between the chip and the heat sink base.
* **Attachment:** The `pushPIN™` system uses a flexible spring mechanism. This ensures consistent pressure (clamping force) on the electronic component, which prevents damage while maximizing thermal transfer.
---
### 5. Application Use Cases
This part is commonly found in:
* **Telecommunications:** High-speed routers and switches.
* **Embedded Systems:** Industrial controllers and IoT gateways.
* **Computing:** Secondary cooling for chipsets or power management ICs.
- ⤷
What are the differences between the C1
- ⤷ C2
- ⤷ and C3 variants of this heat sink?
- ⤷ How do I calculate the required airflow for this specific thermal resistance?
- ⤷ What is the specific clamping force exerted by the pushPIN attachment?