Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-01G-50-C2-R0

  • AI
    The **ATS-01G-50-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components. It is manufactured by *Advanced Thermal Solutions, Inc.* --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal properties: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ | | **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 15.00mm | | **Thermal Resistance (Flow)** | 19.03 °C/W @ 100 LFM | | **Thermal Resistance (Static)** | 3.63 °C/W @ 700 LFM | | **Fin Configuration** | Fine Pitch (Straight) | --- ### 2. Key Electronic Features #### A. pushPIN™ Attachment System Unlike adhesive-based heatsinks, this part uses a mechanical **pushPIN™** system. This provides: * **Constant Pressure:** Ensures optimal contact between the heatsink base and the electronic component for better heat transfer. * **Reliability:** Resistant to vibration and thermal cycling that might cause adhesives to fail. * **Ease of Rework:** Can be removed and reapplied during PCB maintenance. #### B. High-Performance Thermal Interface Material (TIM) The "C2" suffix typically indicates that the part comes pre-applied with **ATS-PPS-02** or a similar high-performance thermal grease. This fills microscopic air gaps between the heatsink and the chip, significantly lowering thermal impedance. #### C. Fin Design The straight-fin design is optimized for **forced air cooling** (fans). The high fin density provides a large surface area for heat dissipation while maintaining a low profile for space-constrained PCB layouts. --- ### 3. Application Use Cases This component is commonly found in the following electronic systems: 1. **Telecommunications:** Cooling network switches and routers. 2. **Embedded Systems:** Dissipating heat from microprocessors (CPUs) and FPGAs. 3. **Power Electronics:** Managing heat for high-output voltage regulators. 4. **Industrial Controls:** Used on PCB boards subjected to high ambient temperatures. --- ### 4. Component Comparison How this part compares to standard adhesive heatsinks: | Metric | ATS-01G-50-C2-R0 | Standard Peel-and-Stick | | :--- | :--- | :--- | | **Mounting Security** | High (Mechanical Spring) | Moderate (Chemical Bond) | | **Thermal Transfer** | Excellent (Controlled PSI) | Variable (User dependent) | | **Reusability** | Yes | No |
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting hole requirements for the pushPIN system on a PCB?
    • ⤷ How does the 'Blue Anodized' finish affect the thermal radiation properties of this heatsink?
    • ⤷ Can this heatsink be used in passive (fanless) cooling environments effectively?