ATS-01G-59-C2-R0
AI

The **ATS-01G-59-C2-R0** is a high-performance electronic component specifically categorized as a **Heat Sink**. It is manufactured by *Advanced Thermal Solutions (ATS)* and belongs to their "blue ice" or high-performance push-pin series.
Below is a detailed breakdown of its electronic and mechanical specifications.
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Part Number** | ATS-01G-59-C2-R0 |
| **Component Type** | Passive Cooling / Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 7.94°C/W @ 100 LFM (Linear Feet per Minute) |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
---
### 2. Physical Dimensions
The dimensions are critical for ensuring the part fits within the PCB constraints and does not interfere with surrounding SMD (Surface Mount Device) components.
* **Length:** 40.00 mm
* **Width:** 40.00 mm
* **Height (Fin height):** 20.00 mm
* **Pitch (Hole spacing):** 45.00 mm (approx.)
---
### 3. Key Electronic Cooling Features
#### A. Thermal Performance
This heat sink is designed for **forced air cooling** environments. Its efficiency is measured by thermal resistance:
* **High Flow (700 LFM):** ~1.62°C/W
* **Low Flow (100 LFM):** ~7.94°C/W
Lower thermal resistance means the component is more efficient at transferring heat away from the semiconductor.
#### B. Material Properties
The use of **AL6063 Aluminum** provides a balance between high thermal conductivity and structural integrity. The **Blue Anodized** finish isn't just aesthetic; it provides surface protection and slightly increases emissivity for better radiative heat transfer.
#### C. Attachment Mechanism (Push-Pin)
Unlike adhesive-based heat sinks, the "Push-Pin" mechanism ensures:
1. **Constant Pressure:** A spring-loaded pin maintains a firm interface between the heat sink and the chip.
2. **Reliability:** It is more resistant to mechanical shock and vibration than thermal tape.
3. **Repairability:** It can be easily removed and reattached during PCB rework.
---
### 4. Common Applications
This specific size (40x40mm) is commonly found cooling the following electronic components:
* **FPGAs** (Field Programmable Gate Arrays)
* **ASICs** (Application-Specific Integrated Circuits)
* **Network Processors** and high-speed Switch Chips.
* **Power Converters** that generate significant localized heat.
---
- ⤷What is the difference between push-pin and adhesive heat sink mounting?
- ⤷ How do I calculate the required LFM for my specific processor?
- ⤷ Can this heat sink be used with a 12V DC fan for active cooling?