ATS-01G-68-C2-R0
AI

The **ATS-01G-68-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions Inc.* It is designed for cooling electronic components like CPUs, GPUs, and power modules.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Thermal Resistance** | 15.31°C/W (at 100 LFM) |
| **Flow Orientation** | Vertical Fin (Straight) |
| **Spring Type** | Brass |
---
### 2. Key Electronic Functions
While the heat sink itself does not consume electricity, it plays a critical role in the reliability of electronic circuits:
* **Heat Dissipation:** It increases the surface area of a heat-generating component, allowing for better heat transfer to the surrounding air via convection.
* **Thermal Protection:** By maintaining lower junction temperatures, it prevents "Thermal Throttling" in processors and prevents permanent damage to silicon structures.
* **EMI Shielding (Secondary):** Because it is an anodized aluminum block, it can sometimes provide minor incidental EMI (Electromagnetic Interference) shielding for the component beneath it.
---
### 3. Mounting and Integration
The "C2" in the part number indicates specific material and finish configurations, while the "R0" typically refers to the revision or packaging style.
* **Push-Pin Mechanism:** It utilizes a pre-drilled hole pattern on the PCB. The push-pins use a spring-loaded mechanism to ensure constant downward pressure, optimizing the contact between the component and the heat sink.
* **TIM (Thermal Interface Material):** To function effectively, this part requires a Thermal Interface Material (like grease or a pad) between the aluminum base and the electronic chip to fill microscopic air gaps.
---
- ⤷What is the specific hole pattern required for the push-pin mounting of this heat sink?
- ⤷ How does the thermal resistance change at higher airflow rates (e.g.
- ⤷ 500 LFM)?
- ⤷ What are the advantages of blue anodized finishes in electronic cooling?