ATS-01G-70-C2-R0
AI

The **ATS-01G-70-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **push-pin** heat sink family designed for board-level cooling.
---
### 1. General Specifications
This part is a high-performance heat sink used to dissipate heat from integrated circuits (ICs) and other electronic surface-mount devices.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | ~14.15 °C/W (at 200 LFM) |
| **Dimensions** | 45mm x 45mm x 25mm |
---
### 2. Physical Design and Construction
The design of this heat sink focuses on optimizing airflow and surface area for maximum thermal transfer.
* **Fin Style:** It utilizes a **Straight Fin** design. Straight fins are ideal for unidirectional airflow environments where a fan provides a consistent stream of air across the board.
* **Material:** Made from **Aluminum 6063**, which offers a high thermal conductivity-to-weight ratio.
* **Anodization:** The "Blue Anodized" finish is not just for aesthetics; it provides surface protection against corrosion and increases the emissivity of the surface, slightly improving radiative cooling.
---
### 3. Attachment Mechanism: Push-Pin
The "C2" in the part number refers to the specific attachment hardware.
* **Pins:** It uses plastic push-pins that go through pre-drilled holes in the Printed Circuit Board (PCB).
* **Springs:** The pins are paired with compression springs. This ensures a constant, even pressure is applied to the thermal interface material (TIM) and the chip, preventing air gaps and maximizing heat transfer.
* **Hole Pattern:** This model typically requires a specific hole spacing (e.g., 38mm x 38mm) on the PCB.
---
### 4. Thermal Interface Material (TIM)
For this specific model suffix (**R0**):
* **Pre-Applied Material:** It usually comes with **T766** pre-applied. This is a high-performance Phase Change Material (PCM).
* **Function:** When the chip heats up, the PCM softens or melts, filling the microscopic irregularities between the heat sink and the chip surface to minimize thermal resistance.
---
### 5. Application Use Cases
You will typically find the ATS-01G-70-C2-R0 in the following electronic environments:
1. **Networking Hardware:** Switches, routers, and high-speed hubs.
2. **Embedded Systems:** Industrial PCs and controllers.
3. **Power Supplies:** Cooling voltage regulators or MOSFETs.
4. **Telecom:** High-bandwidth communication modules.
- ⤷What is the difference between push-pin and clip-on heat sink attachments?
- ⤷ How do I calculate if the 14.15 °C/W thermal resistance is sufficient for my CPU?
- ⤷ What are the advantages of blue anodized finishes over black ones?