ATS-01G-90-C2-R0
AI

The **ATS-01G-90-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for thermal management in electronic systems, particularly for cooling Integrated Circuits (ICs) and other electronic components.
---
### ## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Dimensions** | 35mm x 35mm x 25mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 6.36°C/W (at 100 LFM) |
| **Finish** | Blue Anodized |
---
### ### Key Electronic Components & Features
#### 1. Thermal Interface Material (TIM)
The "C2" in the part number indicates that the unit comes pre-applied with **T766 thermal grease**. This is a crucial "electronic part" of the assembly that ensures maximum heat transfer between the semiconductor surface and the aluminum heat sink by filling microscopic air gaps.
#### 2. Push-Pin Attachment System
Unlike adhesive-based heat sinks, this model uses a mechanical push-pin system.
* **Springs:** Provides consistent pressure (force) to ensure optimal contact with the electronic component.
* **Hardware:** Designed for pre-drilled holes in a Printed Circuit Board (PCB).
#### 3. Fin Design (Heat Dissipation)
The straight-fin design is optimized for **forced air cooling** (active cooling via fans). In electronics, heat sinks like this are used to prevent "Thermal Throttling" or hardware failure in:
* CPUs / GPUs
* FPGAs (Field Programmable Gate Arrays)
* ASICs (Application-Specific Integrated Circuits)
* Power Transistors
---
### ### Performance Characteristics
Thermal resistance is the most critical metric for this part. As airflow increases, the component's ability to dissipate heat improves significantly:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 | 6.36 |
| 300 | 2.18 |
| 500 | 1.42 |
| 700 | 1.14 |
---
- ⤷
What is the difference between T766 and other thermal interface materials used by ATS?
- ⤷ How do I determine the correct hole pattern on a PCB for the ATS pushPIN system?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?