ATS-01G-91-C3-R0
AI

The **ATS-01G-91-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ HS Assembly |
| **Material** | Aluminum (with Blue Anodized finish) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | ~21.90° C/W (Unducted Flow) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 10mm |
| **Fin Style** | Straight Fin |
| **Compliance** | RoHS Compliant |
---
### 2. Key Components & Design Features
#### A. The Heat Sink Body
The body is made of extruded aluminum, which provides high thermal conductivity while remaining lightweight. The "91" in the part number indicates a specific fin pattern designed for optimized airflow.
#### B. The pushPIN™ Attachment System
Unlike adhesive tapes or simple clips, this part uses the **pushPIN™** system:
* **Spring-loaded pins:** These provide a consistent, high-pressure contact between the heat sink and the component.
* **Mechanical Stability:** It prevents the heat sink from shifting during vibration or mechanical shock.
* **Easy Installation:** Designed for 2-hole mounting on a PCB.
#### C. Thermal Interface Material (TIM)
The "C3" suffix typically denotes that the heat sink comes with a **pre-applied Thermal Interface Material**. This is a layer of thermal grease or a phase-change pad on the base of the heat sink, ensuring there are no air gaps between the component and the metal.
---
### 3. Application Use Cases
This specific heat sink is categorized as a "low profile" solution (10mm height), making it ideal for:
* **1U/2U Rackmount Servers:** Where vertical space is strictly limited.
* **Networking Gear:** Switches and routers.
* **Embedded Systems:** Industrial PCs where high-density components generate concentrated heat.
---
### 4. Thermal Performance Data
Performance varies based on the velocity of the air (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 21.90 |
| 300 (1.5 m/s) | 5.30 |
| 500 (2.5 m/s) | 3.50 |
- ⤷
How does the pushPIN™ attachment compare to thermal adhesive tape?
- ⤷ What are the advantages of a blue anodized finish on a heat sink?
- ⤷ Can this heat sink be used with a custom fan attachment?