AI

The **ATS-01H-150-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "blue ICE" series designed specifically for cooling electronic components such as processors, power modules, and other heat-generating semiconductors.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-01H-150-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 4.82°C/W (at 200 LFM) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 25mm |
---
### 2. Functional Electronic Components
The "Electronic Parts" of this assembly do not consist of active circuitry, but rather mechanical-thermal components engineered to protect sensitive electronics:
* **Heat Sink Body:** Extruded aluminum with high surface area fins. It draws heat away from the silicon die of a component through conduction.
* **pushPIN™ Attachment:** A specialized mounting system that includes a brass or plastic pin and a high-tension spring. This ensures constant **interface pressure**, which is critical for efficient heat transfer.
* **Thermal Interface Material (TIM):** This part typically comes with a pre-applied phase-change material or thermal pad on the base to fill microscopic air gaps between the chip and the metal.
### 3. Usage Context
This part is commonly found in the following electronic environments:
1. **Telecommunications:** Cooling FPGA and ASIC chips in routers.
2. **Power Electronics:** Dissipating heat from MOSFETs or IGBTs.
3. **Embedded Systems:** Industrial PCs where fan-less or assisted airflow cooling is required.
---
### 4. Thermal Performance Comparison
Below is a representation of how the thermal resistance ($\theta$) changes based on the airflow (Linear Feet per Minute):
```python
# Illustrative Thermal Profile
airflow_lfm = [200, 300, 400, 500, 600, 700, 800]
thermal_res = [4.82, 4.10, 3.75, 3.45, 3.22, 3.01, 2.85]
def get_efficiency(lfm):
# Returns estimated thermal resistance for the ATS-01H-150-C2-R0
return dict(zip(airflow_lfm, thermal_res)).get(lfm, "N/A")
```
- ⤷
What is the significance of the 'Blue Anodized' finish in thermal management?
- ⤷ How do I calculate if the 4.82°C/W resistance is sufficient for my CPU?
- ⤷ What are the specific hole patterns required on the PCB for the pushPIN™ mount?