Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-01H-18-C2-R0

  • AI
    The **ATS-01H-18-C2-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic devices like CPUs, GPUs, and high-power chipsets. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by ATS. Here is a breakdown of its physical and thermal characteristics: | Property | Description | | :--- | :--- | | **Material** | Aluminum (High Thermal Conductivity) | | **Finish** | Blue Anodized | | **Dimensions** | 35mm x 35mm x 25mm | | **Attachment Method** | pushPIN™ (Spring-loaded pins) | | **Thermal Resistance** | 4.84°C/W (at 1.0 m/s airflow) | | **Flow Orientation** | Top-to-Bottom (Straight Fin) | --- ### 2. Key Features * **pushPIN™ Attachment:** Uses a spring-loaded mechanism that ensures consistent pressure on the component, improving thermal contact. * **Thermal Interface Material (TIM):** Pre-applied T766 Phase Change Material, which eliminates the need for manual thermal paste application. * **Fine Pitch Fins:** The straight-fin design is optimized for environments with forced air (fans). * **RoHS Compliant:** Free from hazardous materials, meeting international environmental standards. --- ### 3. Electronic Application In electronic systems, this part is used to manage **Thermal Resistance ($R_{\theta}$)**. Its primary role is to lower the junction temperature ($T_j$) of an integrated circuit (IC) to prevent: 1. **Thermal Throttling:** Performance degradation due to heat. 2. **Premature Failure:** Electronic components degrade faster as temperature increases (Arrhenius Law). --- ### 4. Part Number Breakdown For procurement and engineering identification: | Section | Code | Meaning | | :--- | :--- | :--- | | **Series** | ATS | Advanced Thermal Solutions | | **Attachment** | 01H | pushPIN™ style and size | | **Dimension** | 18 | Specific fin height and length profile | | **Material/Finish**| C2 | Blue Anodized | | **Revision** | R0 | Standard revision level | ---
    ✨ Follow-up Questions
    • ⤷ What is the compatible PCB hole pattern for this heat sink?
    • ⤷ Can this heat sink be used with a 12V DC fan?
    • ⤷ How does the thermal resistance change at different air flow velocities (LFM)?