ATS-01H-20-C2-R0
AI

The **ATS-01H-20-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Dimensions** | 54mm x 54mm x 20mm |
| **Thermal Resistance** | 7.14°C/W (Natural Convection) |
| **Fin Style** | Straight Fin |
---
### 2. Electronic Application & Performance
The "C2" in the part number indicates the use of a specific **Thermal Interface Material (TIM)**, which is crucial for electronic efficiency.
* **Thermal Performance:** In forced air cooling (airflow), the thermal resistance drops significantly (e.g., as low as 1.15°C/W at high velocity), allowing high-power electronic chips to maintain a safe Junction Temperature ($T_j$).
* **Attachment Logic:** The push-pin mechanism provides a specific **clamping force**. This ensures the heat sink makes constant contact with the electronic package without cracking the delicate silicon die.
* **Blue Anodizing:** This is not just for aesthetics; the anodized layer provides a small degree of electrical insulation and increases the surface emissivity, aiding in heat radiation.
---
### 3. Component Breakdown (Naming Convention)
The part number can be decoded to understand its electronic fitment:
| Part Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **01H** | Product Series (High Performance) |
| **20** | Height of the heat sink (20mm) |
| **C2** | Thermal Interface Material (T766 Phase Change Material) |
| **R0** | RoHS Compliant (Lead-free) |
---
### 4. Integration Considerations
When integrating this part into a PCB design:
* **Hole Pattern:** The PCB must have pre-drilled holes matching the push-pin pitch.
* **Component Clearance:** Ensure a 54mm x 54mm keep-out zone around the target chip to accommodate the aluminum base.
* **Airflow Direction:** Straight fins are sensitive to airflow direction; for maximum efficiency, air should flow parallel to the channels between the fins.
- ⤷
What is the hole-to-hole pitch for the push-pin mounting on this model?
- ⤷ Can this heat sink be used with a custom fan attachment?
- ⤷ How does T766 interface material compare to standard thermal grease?