Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-01H-30-C2-R0

  • AI
    The **ATS-01H-30-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components such as CPUs, GPUs, and power transistors in high-airflow environments. --- ### Technical Specifications The following table outlines the physical and thermal characteristics of the component: | Characteristic | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions (L x W x H)** | 57.90mm x 36.83mm x 22.86mm | | **Attachment Method** | Push-Pin (Plastic) | | **Spring Type** | Compression Spring | | **Thermal Resistance** | 5.31°C/W (at 200 LFM) | | **Flow Orientation** | Horizontal | --- ### Key Components & Features 1. **Material and Finish**: * Made from **Aluminum 6063**, which provides an excellent balance of thermal conductivity and weight. * The **Blue Anodized** finish is not just aesthetic; it increases surface emissivity and provides corrosion resistance. 2. **Fin Design**: * It features a **straight-fin** (high-aspect ratio) geometry. This is optimized for forced-air cooling (fan-driven) where air can pass through the channels with minimal pressure drop. 3. **Attachment System (Push-Pins)**: * The "H" in the part number indicates a specific push-pin and spring assembly. * **Push-pins** allow for quick manual installation onto a PCB with pre-drilled holes, ensuring consistent pressure for optimal thermal contact. 4. **Thermal Interface Material (TIM)**: * This specific part number typically comes with **T766** pre-applied thermal phase-change material or a similar pad, which fills microscopic air gaps between the component and the heat sink. --- ### Thermal Performance Chart (Estimated performance based on airflow) | Airflow Velocity (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | 200 | 5.31 | | 400 | 2.19 | | 600 | 1.63 | --- ### Usage Guidelines * **Application**: Best used for components generating moderate heat where vertical space is limited to roughly 23mm. * **Mounting**: Ensure the PCB hole pattern matches the 4-corner push-pin layout of the ATS-01H series. * **Maintenance**: Ensure the fins remain free of dust to maintain the specified thermal resistance.
    ✨ Follow-up Questions
    • ⤷ What are the specific PCB hole dimensions required for the ATS-01H-30-C2-R0?
    • ⤷ How does 'Blue Anodized' compare to 'Black Anodized' in terms of thermal performance?
    • ⤷ Can this heat sink be used in natural convection (no fan) environments?