ATS-01H-52-C2-R0
AI

The **ATS-01H-52-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
### Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin |
| **Dimensions** | 35mm x 35mm x 25mm |
| **Thermal Resistance** | 10.79°C/W (Unducted Flow @ 100 LFM) |
| **Flow Pattern** | Straight Fin |
---
### Key Electronic & Mechanical Features
#### 1. Heat Dissipation Mechanism
This part uses a **straight-fin** design. In electronics, this maximizes the surface area exposed to the surrounding air. As air moves through the fins (either via natural convection or a fan), heat is transferred from the base of the heat sink into the atmosphere.
#### 2. Push-Pin Mounting System
Unlike adhesive-based heat sinks, the "R0" designation indicates a **push-pin and spring** mounting mechanism:
* **Reliability:** Provides consistent pressure (Pre-assembled with springs).
* **Thermal Interface Material (TIM):** Usually comes pre-applied with a high-performance phase-change material to ensure no air gaps exist between the heat sink and the electronic chip.
#### 3. Material Properties
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodized Coating:** Provides corrosion resistance and improves emissivity, which slightly aids in radiative cooling.
---
### Usage in Circuits
This component is typically found in:
* **Embedded Systems:** Cooling microcontrollers or FPGAs.
* **Power Supplies:** Dissipating heat from MOSFETs or Voltage Regulators.
* **Telecommunications:** Cooling signal processing chips.
- ⤷
How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ What is the difference between this model and the C1 or C3 variants?
- ⤷ Can this heat sink be used with a standard 35mm DC fan?