Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-01H-60-C2-R0

  • AI
    The **ATS-01H-60-C2-R0** is a high-performance electronic component specifically designed for **thermal management**. It is an aluminum heat sink manufactured by *Advanced Thermal Solutions (ATS)*, intended to dissipate heat from integrated circuits (ICs) and other electronic packages. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal characteristics. | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Dimensions** | 40.00mm x 40.00mm | | **Height** | 25.00mm | | **Thermal Resistance** | 6.06°C/W (at 200 LFM) | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Fin Type** | Square Cross-Cut (Pin Fin) | --- ### 2. Key Design Elements #### A. Pin Fin Geometry Unlike straight-fin heat sinks, the "Cross-Cut" or pin-fin design allows for **multi-directional airflow**. This is critical in cramped electronic enclosures where air may not flow in a single straight path. It increases the surface area for heat exchange and promotes turbulence, which improves cooling efficiency. #### B. pushPIN™ Attachment The "R0" suffix often refers to the specific attachment kit. This model uses a **pushPIN™ system**, which includes: * **Compression Springs:** Ensure consistent pressure on the processor for maximum heat transfer. * **Plastic/Brass Pins:** Secure the heat sink through pre-drilled holes in the PCB. #### C. Thermal Interface Material (TIM) This specific part usually comes with **T766** pre-applied. This is a high-performance thermal grease or pad that fills microscopic air gaps between the electronic component (CPU/GPU) and the aluminum base of the heat sink. --- ### 3. Application Use Cases This component is typically used in the following electronic sectors: 1. **Telecommunications:** Cooling for high-speed routers and switches. 2. **Embedded Computing:** Cooling for ARM-based processors or FPGAs. 3. **Power Electronics:** Managing heat for DC-DC converters. --- ### 4. Part Number Breakdown `ATS - 01 H - 60 - C2 - R0` * **ATS:** Manufacturer (Advanced Thermal Solutions). * **01:** Series number. * **H:** High-performance fin density. * **60:** Specific dimension code. * **C2:** Blue Anodized finish. * **R0:** Revision/Attachment kit style.
    ✨ Follow-up Questions
    • ⤷ How do I calculate if the 6.06°C/W thermal resistance is sufficient for my chip?
    • ⤷ What are the advantages of blue anodized coating over bare aluminum?
    • ⤷ Can this heat sink be mounted using thermal adhesive instead of push-pins?