ATS-01H-82-C2-R0
AI

The **ATS-01H-82-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance **Heat Sink** designed for cooling electronic components like CPUs, GPUs, or power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal properties:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Board Level Heat Sink |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Shape** | Square Pin Fin |
| **Dimensions** | 30.00mm x 30.00mm x 25.00mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | ~10.79°C/W (at 100 LFM) |
| **Weight** | ~40 grams |
---
### 2. Key Components & Features
#### A. Pin Fin Design
Unlike traditional straight-fin heat sinks, the **Pin Fin** geometry (a grid of vertical pegs) allows for multi-directional airflow. This makes it highly efficient in "crowded" PCB environments where airflow direction might be inconsistent.
#### B. pushPIN™ Attachment
This model uses the proprietary ATS **pushPIN™** system. It consists of:
* **Compression Springs:** Provides precise pressure (Force) to ensure optimal contact with the heat source.
* **Nylon/Plastic Push Pins:** Allows for secure mounting through pre-drilled holes in the PCB.
#### C. Thermal Interface Material (TIM)
The "R0" at the end of the part number usually signifies the inclusion of a pre-applied **Thermal Interface Material** (typically a high-performance phase-change material or thermal pad). This eliminates the need for manual application of thermal paste.
---
### 3. Thermal Performance Analysis
The efficiency of this part is highly dependent on the velocity of the air moving through the pins (measured in Linear Feet per Minute - LFM).
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **Unducted (100 LFM)** | 10.79 |
| **Unducted (300 LFM)** | 3.90 |
| **Unducted (500 LFM)** | 2.50 |
---
### 4. Typical Applications
* **Embedded Systems:** For cooling high-speed microprocessors.
* **Power Supplies:** Managing heat in voltage regulators.
* **Telecommunications:** Cooling chips in routers and switches.
* **LED Systems:** Dissipating heat from high-output LED arrays.
- ⤷
How do I determine if the 30mm x 30mm footprint fits my specific PCB layout?
- ⤷ What is the difference between Blue Anodized and Gold Anodized finishes in heat sinks?
- ⤷ How does the pushPIN™ mounting force affect the longevity of the PCB?