ATS-02A-140-C2-R0
AI

The **ATS-02A-140-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" component series, designed for cooling electronic components such as CPUs, GPUs, and power transistors.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Body), Blue Anodized (Finish) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Heat Sink Type** | Straight Fin |
| **Dimensions (L x W x H)** | 25.00mm x 25.00mm x 25.00mm |
| **Thermal Resistance** | 7.28 °C/W (Unducted Flow @ 100 LFM) |
| **Compatibility** | Universal (based on hole pattern) |
---
### 2. Component Breakdown
#### A. The Heat Sink Body
The core is made of aluminum, chosen for its high thermal conductivity and lightweight properties. The **Straight Fin** design allows for vertical airflow, making it ideal for systems with concentrated air movement.
#### B. The PushPIN™ Mounting System
Instead of using messy adhesives or complicated brackets, this part uses a spring-loaded pin mechanism:
* **Ease of Install:** Allows for quick, tool-free installation to the PCB.
* **Consistent Pressure:** The springs ensure even pressure across the thermal interface material (TIM) for maximum heat transfer.
* **Reliability:** Highly resistant to vibration compared to simple clip-on sinks.
#### C. Thermal Interface Material (TIM)
The "R0" suffix usually denotes that the part comes with a pre-applied **Thermal Interface Material** (typically a high-performance phase-change material or grease). This fills the microscopic air gaps between the electronic chip and the heat sink base.
---
### 3. Thermal Performance Metrics
The effectiveness of this part depends on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity | Thermal Resistance (Unducted) |
| :--- | :--- |
| 100 LFM (0.5 m/s) | 7.28 °C/W |
| 300 LFM (1.5 m/s) | 4.23 °C/W |
| 500 LFM (2.5 m/s) | 3.44 °C/W |
---
### 4. Dimensional Drawing Summary
```text
[ 25.00 mm ]
+--------------+ --
| |||||||||| | |
| |||||||||| | 25.00 mm (Height)
| |||||||||| | |
+--------------+ --
[ 25.00 mm ] (Base Width)
```
- ⤷
How do I calculate the correct hole spacing on my PCB for the pushPIN system?
- ⤷ What are the advantages of blue anodized finishes on aluminum heat sinks?
- ⤷ Can this heat sink be used with a custom fan attachment?