ATS-02A-154-C2-R0
AI

The **ATS-02A-154-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** line, designed to provide efficient cooling for electronic components like CPUs, GPUs, and power modules.
---
### 1. Technical Specifications
The following table highlights the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 15.00mm |
| **Pitch** | Fine Pitch |
| **Fin Pattern** | Straight Fin |
| **Thermal Resistance** | 7.50°C/W (at 100 LFM) |
---
### 2. Design and Components
The "Electronic Parts" aspect of this assembly consists of several mechanical sub-components that work together to ensure thermal stability:
* **Heat Sink Body:** Extruded aluminum with a high surface-area-to-volume ratio. The "Fine Pitch" design allows for high-density cooling in environments with forced airflow.
* **pushPIN™ Mechanism:** This replaces traditional adhesive or bolt-on methods. It uses a flexible pin and a stainless steel spring to provide consistent downward pressure (7-10 lbs) on the electronic chip.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. This is a phase-change material that fills microscopic air gaps between the chip and the heat sink to maximize heat transfer.
---
### 3. Part Number Breakdown
The nomenclature provides specific details about its configuration:
| Code | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **02** | Attachment Type (pushPIN) |
| **A** | Version / Series |
| **154** | Specific Model / Fin Geometry |
| **C2** | Thermal Performance Grade / Material |
| **R0** | RoHS Compliant |
---
### 4. Application Use-Case
This part is commonly used in:
* **Embedded Systems:** Industrial PCs and routers.
* **Power Supplies:** Cooling MOSFETs and Voltage Regulators.
* **Telecommunications:** High-speed data processing boards where space is constrained but thermal loads are high.
- ⤷What is the difference between 'Fine Pitch' and 'Coarse Pitch' in these heat sinks?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ What are the mounting hole requirements for the pushPIN system?