ATS-02A-189-C2-R0
AI

The **ATS-02A-189-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series, designed specifically for thermal management in electronic assemblies where space and airflow optimization are critical.
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-02A-189-C2-R0 |
| **Material** | Aluminum (Body) / Copper (optional base plating) |
| **Finish** | Blue Anodized |
| **Fin Type** | Cross-Cut (providing multi-directional airflow) |
| **Attachment Method** | pushPIN™ (Plastic/Brass pins with springs) |
| **Thermal Resistance** | ~2.43 °C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
---
### 2. Key Electronic Components & Design Features
#### A. The Heat Sink Body (Thermal Dissipator)
The core component is the aluminum structure. It utilizes a **Cross-Cut** fin pattern. Unlike straight-fin heat sinks, the cross-cut design allows for air to enter from multiple angles, making it highly effective in compact electronic enclosures where airflow direction may be turbulent or non-linear.
#### B. Thermal Interface Material (TIM)
The "C2" in the part number indicates the specific type of Thermal Interface Material pre-applied to the base.
* **Purpose:** It fills microscopic air gaps between the heat sink and the electronic component (CPU, GPU, or MOSFET) to ensure maximum heat transfer.
* **Material:** Usually a high-performance phase-change material or thermal grease.
#### C. pushPIN™ Attachment System
This is the mechanical sub-assembly used to secure the part to the PCB. It consists of:
* **Compression Springs:** These ensure constant, uniform pressure (Force) across the component. This prevents the heat sink from tilting and cracking the silicon die.
* **Push-Pins:** These snap into pre-drilled holes in the PCB, allowing for tool-free installation and secure vibration resistance.
---
### 3. Usage Context in Electronics
This part is typically used to cool:
1. **Application Specific Integrated Circuits (ASICs):** Used in networking hardware.
2. **FPGAs:** Which generate significant heat during high-speed processing.
3. **Power Modules:** Where thermal throttling must be avoided to maintain voltage stability.
---
### 4. Thermal Performance Data
*Measured in °C/W (Lower is better)*
| Airflow (LFM) | 100 (0.5 m/s) | 300 (1.5 m/s) | 500 (2.5 m/s) |
| :--- | :---: | :---: | :---: |
| **Thermal Resistance** | 2.43 | 1.42 | 1.10 |
- ⤷
What is the difference between Blue Anodized and Black Anodized finishes in terms of thermal performance?
- ⤷ Can the pushPIN system be reused if the heat sink is moved to a different PCB?
- ⤷ How do I calculate the required LFM for my specific electronic component?