ATS-02A-19-C2-R0
AI

The **ATS-02A-19-C2-R0** is a specific part number for a **High-Performance Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for cooling electronic components such as CPUs, GPUs, and other high-heat integrated circuits.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 54.00mm x 54.00mm |
| **Height** | 20.00mm |
| **Thermal Resistance** | 9.77°C/W (at 1.0 m/s airflow) |
| **Attachment Method** | Push-Pin (Brass) |
| **Fin Style** | XCUT (Cross-cut) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Core Electronic/Thermal Features
#### A. XCUT Fin Design
The "XCUT" geometry refers to the cross-cut fin pattern. Unlike straight fins, this design creates a larger surface area and promotes turbulence in the airflow, which significantly enhances heat dissipation in multi-directional airflow environments.
#### B. Attachment System (Push-Pins)
The part uses a **Brass Push-Pin** mechanism with a **compression spring**.
* **Purpose:** Ensures consistent pressure between the heat sink and the electronic chip.
* **Benefit:** Improves the thermal contact and prevents the heat sink from shifting due to mechanical shock or vibration.
#### C. Thermal Interface Material (TIM)
The **C2** in the part number indicates the specific thermal interface material. In this case, it comes with **T766** pre-applied to the base.
* This material fills the microscopic air gaps between the component and the heat sink base to maximize heat transfer.
---
### 3. Part Number Breakdown (Naming Convention)
To understand variations of this part, here is how the code is structured:
| Segment | Meaning |
| :--- | :--- |
| **ATS-02** | Product Series (Push-Pin Heat Sinks) |
| **A** | Material Type (Aluminum) |
| **19** | Size/Designator code |
| **C2** | Thermal Interface Material (T766) |
| **R0** | Revision/Standard version |
---
### 4. Typical Applications
This component is commonly found in:
* **Networking Hardware:** Routers, switches, and bridges.
* **Industrial PCs:** Cooling embedded processors in harsh environments.
* **Power Electronics:** High-voltage regulators and power modules.
- ⤷
How does the 'C2' thermal material compare to 'C1' in this series?
- ⤷ What is the recommended hole diameter for the push-pin installation?
- ⤷ Are there copper versions of this specific heat sink model?