ATS-02A-207-C2-R0
AI

The **ATS-02A-207-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series and is designed for cooling electronic components like CPUs, GPUs, or high-power semiconductors.
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 60.00 mm x 60.00 mm x 25.00 mm |
| **Fin Pattern** | Straight Fin |
| **Thermal Resistance** | 3.39 °C/W (@ 100 LFM) |
| **Spring Type** | ATS-PPS-02 |
---
### 2. Key Component Features
#### A. The Fin Design
This model uses a **Straight Fin** design. Straight fins provide low pressure drop and are ideal for applications where there is a consistent, high-velocity airflow from a system fan.
#### B. The pushPIN™ Attachment System
One of the most critical "electronic parts" of this assembly is the mechanical attachment mechanism. It eliminates the need for messy adhesives or fragile clips.
* **Push Pins:** Made of durable plastic or brass.
* **Compression Springs:** These ensure "Firm Attachment," providing consistent pressure across the interface to maximize heat transfer.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates that this unit comes pre-applied with **ATS-T766** thermal grease. This ensures that the microscopic gaps between the electronic chip and the aluminum heat sink are filled, reducing thermal resistance.
---
### 3. Application Use-Case
This heat sink is typically used in the following electronic environments:
1. **Telecommunications:** High-speed routers and switches.
2. **Industrial PCs:** Cooling embedded processors in rugged environments.
3. **Power Electronics:** Managing heat for MOSFETs or IGBT modules.
---
### 4. Thermal Performance Comparison
Thermal performance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 3.39 |
| 300 (1.5 m/s) | 2.08 |
| 500 (2.5 m/s) | 1.62 |
| 700 (3.5 m/s) | 1.41 |
- ⤷
What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate the required LFM for my specific electronic component?
- ⤷ Can the pushPIN system be reused if the component is replaced?