Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-02A-62-C2-R0

  • AI
    The **ATS-02A-62-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for securing cooling solutions to PCBs. --- ### 1. Technical Specifications Below are the primary electronic and physical specifications for the part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Thermal Resistance** | 16.48°C/W (Unducted Flow @ 100 LFM) | | **Weight** | 33.72 grams | --- ### 2. Physical Dimensions Precision is critical for PCB layout and clearance. The dimensions for this specific model are as follows: * **Length (A):** 40.00 mm * **Width (B):** 40.00 mm * **Height (C):** 15.00 mm * **Pitch (E):** 45.00 mm (Distance between push-pins) * **Pitch (F):** 45.00 mm --- ### 3. Key Electronic Cooling Characteristics #### A. Thermal Resistance Performance The effectiveness of the heat sink changes based on the airflow (Measured in Linear Feet per Minute - LFM): | Airflow Velocity | 100 LFM | 200 LFM | 300 LFM | 400 LFM | 500 LFM | | :--- | :--- | :--- | :--- | :--- | :--- | | **Resistance (°C/W)** | 16.48 | 6.17 | 3.46 | 2.55 | 2.07 | #### B. Mounting System * **Push-Pin Mechanism:** Uses a brass or plastic pin with a compressed spring to provide consistent pressure. This ensures optimal contact between the heat sink base and the electronic component (CPU, GPU, or MOSFET). * **TIM (Thermal Interface Material):** This part usually comes pre-applied with **T766** thermal phase change material or similar, which fills microscopic air gaps between the chip and the aluminum base. --- ### 4. Part Number Breakdown The nomenclature `ATS-02A-62-C2-R0` translates to: * **ATS:** Manufacturer prefix. * **02:** Series/Revision. * **A:** Specific design variant. * **62:** Fin pattern or size code. * **C2:** Material/Finish code (Blue Anodized). * **R0:** RoHS compliance status. ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended PCB hole diameters for the push-pin mounting of this heat sink?
    • ⤷ How does the 'Blue Anodized' finish affect the emissivity and thermal performance?
    • ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied T766 material?