ATS-02A-79-C3-R0
AI

The **ATS-02A-79-C3-R0** is a high-performance electronic component belonging to the **thermal management** category. Specifically, it is an advanced heatsink designed by Advanced Thermal Solutions (ATS).
---
## 1. Core Technical Specifications
This component is part of the **maxiFLOW™** series, designed to provide low thermal resistance and high airflow efficiency for semiconductor cooling.
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-02A-79-C3-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Brass/Plastic pins) |
| **Thermal Resistance** | 26.32 °C/W (Unducted Flow @ 100 LFM) |
| **Dimensions** | 45.00mm x 45.00mm x 30.00mm |
| **Interface Material** | T412 (Thermal Interface Material pre-applied) |
---
## 2. Key Electronic & Mechanical Parts
### A. The Heatsink Body (Fin Array)
The "electronic" function of the body is **passive heat dissipation**.
* **Design:** It utilizes a flared fin geometry. This design maximizes the surface area to dissipate heat generated by ICs (Integrated Circuits) such as CPUs, FPGAs, or GPUs.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodization provides a layer of electrical insulation and increases corrosion resistance while slightly improving radiant heat transfer.
### B. The pushPIN™ Attachment System
To ensure reliable thermal contact, the part uses a specialized mechanical attachment:
* **Compression Springs:** These apply a precise amount of force (calculated in Newtons) to ensure the heatsink stays in contact with the electronic chip.
* **Hardware:** Available in brass or plastic pins. These are designed to fit into pre-drilled holes in the PCB (Printed Circuit Board).
### C. Thermal Interface Material (TIM)
* **Part Component:** T412.
* **Function:** This is a phase-change or grease-like material pre-applied to the base. In electronics, air is an insulator. The TIM fills the microscopic air gaps between the semiconductor die and the heatsink base, significantly improving heat conductivity.
---
## 3. Application Context
This part is typically used in the following electronic environments:
1. **Telecommunications:** Cooling high-speed processors in switches/routers.
2. **Embedded Systems:** Industrial PCs where vertical space is limited but high airflow is present.
3. **Power Electronics:** Dissipating heat from MOSFETs or power modules.
---
- ⤷
What is the significance of the 'C3' code in the part number?
- ⤷ Can this heatsink be mounted using adhesive instead of pushPINs?
- ⤷ How does the flared fin design compare to straight fin heatsinks in terms of airflow?