ATS-02A-81-C2-R0
AI

The **ATS-02A-81-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for cooling integrated circuits (ICs) and other electronic components.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Product Series** | blueICE™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 20.00mm |
| **Attachment Method** | pushPIN™ (Brass Springs) |
| **Thermal Resistance** | 14.03°C/W (at 1.0 m/s airflow) |
| **Weight** | ~25 grams |
---
## 2. Key Electronic & Mechanical Parts
### A. The Heat Sink Body
The main body is made of **extruded aluminum**. It uses a "straight fin" design which is optimized for **forced convection** (airflow provided by a fan). The blue anodized coating is not just for aesthetics; it provides corrosion resistance and slightly improves radiative heat transfer.
### B. pushPIN™ Attachment System
Instead of using messy thermal adhesives or tapes, the ATS-02A-81-C2-R0 utilizes the **pushPIN™** system. This consists of:
* **Push Pins:** Durable plastic or brass pins that lock into the PCB.
* **Compression Springs:** These provide precise, uniform pressure (load) across the component to ensure optimal thermal contact.
### C. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically indicates that it comes with a **Phase Change Material (PCM)** or a pre-applied thermal pad on the base. This fills the microscopic air gaps between the heat sink and the chip to maximize heat transfer.
---
## 3. Application Use Cases
This part is commonly found in the following electronic environments:
1. **Telecommunications:** Cooling small processors in routers or switches.
2. **Embedded Systems:** High-heat microcontrollers on industrial boards.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
---
- ⤷What is the difference between pushPIN and adhesive mounting for this heat sink?
- ⤷ How do I calculate the thermal resistance for my specific airflow?
- ⤷ Are there CAD models available for the ATS-02A-81-C2-R0?