Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-02F-152-C2-R0

  • AI
    ### Electronic Part Overview: ATS-02F-152-C2-R0 The **ATS-02F-152-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** family of thermal management components, designed for efficient heat dissipation in electronic assemblies. --- ### 1. Technical Specifications Below are the primary mechanical and thermal characteristics of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W)** | 35.00 mm x 35.00 mm | | **Height** | 25.00 mm | | **Pitch** | Fine-Pitch | | **Thermal Resistance** | 3.32 °C/W (at 100 LFM) | | **Pressure Requirement** | High Flow / Low Pressure | --- ### 2. Key Components & Construction The "electronic" functionality of this part is passive, focusing on thermal exchange via three main physical features: * **Fins:** It features a **Fine-Pitch** pattern. This maximizes surface area, allowing more heat to be transferred from the component (like a CPU, GPU, or MOSFET) to the surrounding air. * **Base:** A flat aluminum base ensures maximum contact with the electronic component. Thermal Interface Material (TIM) is typically pre-applied or added during installation to fill microscopic air gaps. * **pushPIN™ Mechanism:** Unlike adhesive-based sinks, this uses a spring-loaded pin. This provides **consistent pressure**, which is critical for maintaining a stable thermal connection even under mechanical vibration or thermal expansion. --- ### 3. Part Number Breakdown (Nomenclature) Understanding the code helps in identifying the specific configuration: 1. **ATS:** Advanced Thermal Solutions (Manufacturer). 2. **02:** Series/Style designation. 3. **F:** Fine-Pitch fin configuration. 4. **152:** Size and specific geometry code. 5. **C2:** Material/Finish code (Blue Anodized). 6. **R0:** RoHS compliance and revision status. --- ### 4. Applications in Electronics This heat sink is typically used in environments where PCB space is limited but thermal loads are high: * **Telecommunications:** Cooling of high-speed processors in switches. * **Embedded Systems:** Industrial PCs where fan noise must be minimized. * **Power Electronics:** Dissipating heat from voltage regulators and power transistors. ---
    ✨ Follow-up Questions
    • ⤷ What is the thermal resistance of this heat sink at higher airflows like 500 LFM?
    • ⤷ Does this model come with pre-applied thermal interface material (TIM)?
    • ⤷ What are the specific hole-to-hole mounting dimensions for the pushPIN system on this model?