ATS-02F-41-C2-R0
AI

The **ATS-02F-41-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS)** push-pin heat sink designed for cooling integrated circuits (ICs) and other electronic surface-mount devices.
---
### 1. Technical Specifications
The part number encodes specific structural and thermal characteristics. Here is the breakdown:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Product Type** | Push-Pin Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin with Brass Springs |
| **Dimension (L x W)** | 40mm x 40mm |
| **Height** | 22.9mm |
| **Thermal Resistance** | ~10.02 °C/W (at 100 LFM) to ~2.26 °C/W (at 600 LFM) |
---
### 2. Key Electronic & Mechanical Components
#### A. Fin Design (Straight Fin)
The "41" series typically utilizes a **straight fin** geometry. This design is optimized for environments with consistent airflow (forced convection). The spacing between fins is calculated to minimize pressure drop while maximizing the surface area available for heat dissipation.
#### B. Attachment Mechanism: Push-Pins and Springs
Unlike adhesive-based heat sinks, this model uses a mechanical attachment system:
* **Push-Pins:** Plastic or metal pins that snap into pre-drilled holes on the PCB.
* **Compression Springs:** These provide a precise "force-to-load" ratio, ensuring the heat sink maintains constant contact with the component (CPU/GPU/FPGA) without cracking the silicon die or damaging the PCB.
#### C. Thermal Interface Material (TIM)
The **C2** designation often indicates the pre-applied thermal interface.
* **Type:** Usually a high-performance phase-change material or thermal pad.
* **Purpose:** Fills microscopic air gaps between the component surface and the heat sink base to lower thermal impedance.
---
### 3. Application Use Cases
This specific part is commonly found in the following electronic systems:
1. **Telecommunications:** Cooling high-speed network switches and routers.
2. **Embedded Systems:** Dissipating heat from FPGAs and ASICs in industrial controllers.
3. **Power Electronics:** Managing heat for voltage regulator modules (VRMs).
---
### 4. Thermal Performance Comparison
*Performance varies based on Airflow (LFM - Linear Feet per Minute):*
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 200 | 1.0 | 4.95 |
| 400 | 2.0 | 2.95 |
| 600 | 3.0 | 2.26 |
- ⤷
How do I calculate the correct hole diameter on the PCB for this specific push-pin?
- ⤷ What is the difference between the C1
- ⤷ C2
- ⤷ and C3 material designations for ATS heat sinks?
- ⤷ Can this heat sink be used in a passive cooling environment without a fan?