ATS-02F-64-C2-R0
AI

The **ATS-02F-64-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 9.39°C/W (Unducted) |
| **Finish** | Blue Anodized |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## Key Design Components
### 1. The Fin Profile (Straight Fin)
The "64" in the part number indicates a specific fin pattern. Straight fin designs are ideal for systems with high-speed airflow. The aluminum construction ensures rapid heat transfer from the base to the fins.
### 2. pushPIN™ Attachment System
This part utilizes a spring-loaded push-pin mechanism.
- **Efficiency:** Provides precise pressure for optimal contact between the heat sink and the chip.
- **Reliability:** The springs ensure consistent pressure even under mechanical vibration or thermal expansion.
### 3. Thermal Interface Material (T766)
The unit comes with **T766** pre-applied to the base. This is a high-conductivity thermal paste/pad that fills microscopic air gaps between the component and the heat sink, significantly reducing thermal resistance.
### 4. Blue Anodized Coating
The blue anodization is not just for aesthetics; it provides:
- **Corrosion Resistance:** Protects the aluminum from oxidation.
- **Emissivity:** Slightly improves heat radiation compared to raw aluminum.
---
## Physical Dimensions
| Dimension | Value |
| :--- | :--- |
| **Size (Length x Width)** | 45mm x 45mm |
| **Height** | 25mm |
| **Hole Spacing** | 38mm |
---
## Application Use Cases
* **Networking Equipment:** Routers, switches, and high-speed modems.
* **Industrial PCs:** Compact motherboards requiring active or passive cooling.
* **Power Electronics:** Cooling MOSFETs or Voltage Regulators (VRMs) in power supplies.
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ Are there different spring options available for the push-pin mechanism?
- ⤷ How does the T766 thermal material compare to standard thermal grease?