ATS-02F-67-C2-R0
AI

The **ATS-02F-67-C2-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "Blue Anodized" push-pin series designed for cooling electronic components like CPUs, GPUs, and ASICs.
---
### ## Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 10mm |
| **Thermal Resistance** | 20.30 °C/W (at 0 LFM) to 2.30 °C/W (at 800 LFM) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Brass |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### ## Key Electronic & Mechanical Components
#### 1. Thermal Interface Material (T766)
This is the "electronic" bridge between the semiconductor and the heat sink. The **T766** compound is a phase-change material designed to fill microscopic air gaps between the chip and the aluminum base, ensuring maximum heat transfer efficiency.
#### 2. Push-Pin Attachment System
Instead of using adhesive tape (which can act as an insulator), this part uses a mechanical push-pin system.
* **Plastic Pins:** Non-conductive, preventing electrical shorts on the PCB.
* **Compression Springs:** Provide specific downward pressure to maintain optimal contact with the heat source.
#### 3. Fin Profile (Straight Fin)
The fins are designed to facilitate **cross-flow cooling**. This makes the part ideal for systems with directed airflow (fans), as the straight-line architecture offers low pressure drop, allowing air to pass through the fins easily.
---
### ## Application Context
This part is typically found in:
* **Networking Hardware:** Cooling high-speed switches and routers.
* **Embedded Systems:** Industrial PCs where space is limited but thermal loads are high.
* **Power Electronics:** Dissipating heat from MOSFET arrays or small power modules.
- ⤷
What are the recommended hole sizes on the PCB for the push-pin mounting?
- ⤷ How does the thermal resistance change at different air velocity (LFM) levels?
- ⤷ Are there alternative Thermal Interface Materials available for this specific heat sink?