ATS-02F-69-C2-R0
AI

The **ATS-02F-69-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic packages. It is manufactured by *Advanced Thermal Solutions, Inc.*
---
### 1. Technical Specifications
The following table highlights the core technical properties of the device:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height (Off Base)** | 20mm |
| **Thermal Resistance** | 11.56°C/W (at 100 LFM) |
| **Fin Pattern** | Straight Fin |
---
### 2. Key Components & Design Features
#### A. The pushPIN™ Attachment System
The "02F" in the part number indicates the specific push-pin and spring mechanism used to mount the heatsink to the PCB.
* **Ease of Assembly:** Features a flexible attachment system that allows for tool-free or simple tool installation.
* **Constant Pressure:** The pre-assembled springs ensure consistent pressure across the thermal interface material (TIM), maximizing heat transfer.
#### B. Material and Thermal Interface
* **Aluminum Construction:** Offers a balance between weight, cost, and high thermal conductivity.
* **Blue Anodized Finish:** This is not just aesthetic; anodizing increases surface emissivity, which improves heat radiation and protects the aluminum from corrosion.
#### C. Performance Characteristics
The thermal resistance of this unit varies significantly based on airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 | 11.56 |
| 300 | 3.33 |
| 500 | 2.11 |
---
### 3. Application Use Cases
The ATS-02F-69-C2-R0 is typically used in environments where space is moderate but heat dissipation is critical:
1. **Telecommunications:** Cooling line cards and routers.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Cooling MOSFETs or small power modules.
4. **Processors:** Low-to-mid TDP (Thermal Design Power) CPUs or FPGAs.
---
- ⤷What is the difference between blue anodized and black anodized finishes for heatsinks?
- ⤷ Does this model come with a pre-applied Thermal Interface Material (TIM)?
- ⤷ What are the spacing requirements for the push-pin holes on the PCB?