ATS-02F-79-C2-R0
AI

The **ATS-02F-79-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **blueICE™** series and is specifically designed for cooling electronic components such as BGA (Ball Grid Array) packages, CPUs, or GPUs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Plastic Pins) |
| **Dimensions** | 25mm x 25mm x 30mm |
| **Thermal Resistance** | 2.63°C/W (at 200 LFM) |
| **Flow Direction** | Vertical (Cross-Cut) |
| **Spring Type** | Stainless Steel (R0 suffix) |
---
### 2. Key Electronic Features
#### A. Thermal Management
The primary purpose of this part is to dissipate heat generated by integrated circuits (ICs). By increasing the surface area using a "cross-cut" fin design, it facilitates efficient heat transfer into the surrounding air via convection.
#### B. pushPIN™ Attachment System
This part uses a specialized mounting system consisting of:
* **Compression Springs:** Provides specific pressure to ensure maximum contact between the chip and the heat sink.
* **Plastic Push Pins:** Designed for easy installation into pre-drilled holes on a PCB (Printed Circuit Board).
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates that the heat sink comes pre-applied with **T766 Phase Change Material**. This fills microscopic air gaps between the component and the heat sink to reduce thermal resistance.
---
### 3. Application Use Cases
1. **Telecommunications:** Used in routers and switches to cool high-speed processing chips.
2. **Embedded Systems:** Ideal for compact industrial PC builds where vertical airflow is available.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
---
### 4. Mechanical Drawing Reference
While a full CAD drawing is unavailable here, the dimensions are critical for PCB layout:
* **Length/Width:** 25.00 mm
* **Height:** 30.00 mm (Tall profile for high airflow environments)
* **Pitch:** The distance between the pushPIN holes is typically optimized for standard BGA patterns.
- ⤷
What is the significance of the 'C2' suffix in the ATS part numbering system?
- ⤷ How does vertical cross-cut fin geometry compare to straight fin geometry?
- ⤷ What are the recommended PCB hole diameters for the pushPIN attachment?