ATS-02F-84-C2-R0
AI

The **ATS-02F-84-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient cooling of semiconductors and integrated circuits (ICs).
---
### Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 35.00mm |
| **Pitch** | Fine Pitch |
| **Thermal Resistance** | 1.80 °C/W (at 200 LFM) |
| **Flow Direction** | Vertical/Straight |
---
### Key Component Features
#### 1. Push-Pin Attachment Mechanism
Instead of using messy thermal adhesives or standard screws, this part uses the **pushPIN™** system.
* **Benefits:** Ensures consistent pressure across the chip surface, improving thermal transfer.
* **Hardware:** It typically uses brass or plastic pins with a stainless steel spring to provide a secure fit.
#### 2. Fin Design (Fine Pitch)
The "84" in the part number refers to a specific fin configuration.
* **Efficiency:** The fins are designed to maximize surface area while maintaining a low profile.
* **Airflow:** Optimized for high-velocity airflow environments (active cooling via fans).
#### 3. Thermal Interface Material (TIM)
The part number suffix often indicates the pre-applied thermal material.
* **C2-R0:** This specific version usually comes with **T766** thermal grease or a similar phase-change material pre-applied to the base, ensuring immediate "out-of-the-box" installation.
---
### Electronic Applications
This heat sink is commonly used to protect the following electronic components from thermal throttling or failure:
* **CPUs/GPUs:** Small form-factor processors.
* **FPGAs:** Field Programmable Gate Arrays that generate significant heat during high-speed logic operations.
* **Power Transistors:** Voltage regulators and MOSFETs in power supply circuits.
- ⤷What is the difference between the C1 and C2 versions of this heat sink?
- ⤷ Can this heat sink be used with plastic push-pins instead of brass?
- ⤷ How do I calculate the airflow required for a 1.80 °C/W thermal resistance?