ATS-02F-85-C2-R0
AI

The **ATS-02F-85-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** product line, designed to provide high-efficiency cooling for electronic components.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Blue Anodized Aluminum |
| **Dimensions (L x W)** | 32.20mm x 32.20mm |
| **Height (Fin Height)** | 10.00mm |
| **Thermal Resistance** | 8.91°C/W (Unducted Flow @ 200 LFM) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Pressure** | High Pressure (High performance) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Key Features & Electronic Application
### A. maxiFLOW™ Design
The "spread fin" geometry (flaring out from the base) is engineered to maximize surface area for air convection while minimizing pressure drop. This is critical for cooling power-dense components like:
* **CPUs/GPUs** in embedded systems.
* **ASICs** and **FPGAs** used in networking equipment.
* **Power MOSFETs** in power supply units.
### B. pushPIN™ Attachment System
This part uses a specific mechanical fastening system rather than adhesive tape.
* **Reliability:** Provides constant pressure for consistent thermal contact.
* **Springs:** Available in various tensions to ensure the heat sink stays mounted even under vibration.
* **Hole Pattern:** Requires pre-drilled holes in the PCB (Printed Circuit Board).
### C. Thermal Interface Material (TIM)
The **T766** material pre-applied to the base is a phase-change material or high-performance grease. It fills the microscopic air gaps between the chip (heat source) and the aluminum base to significantly lower thermal impedance.
---
## 3. Thermal Performance (Airflow Data)
Efficiency varies based on the Linear Feet per Minute (LFM) of the airflow within the enclosure:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 8.91 |
| **400 (2.0 m/s)** | 5.08 |
| **600 (3.0 m/s)** | 4.13 |
---
- ⤷
What are the PCB hole dimensions required for the pushPIN attachment?
- ⤷ How does the T766 TIM compare to standard thermal paste?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?