ATS-02F-96-C2-R0
AI

The **ATS-02F-96-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed by Advanced Thermal Solutions (ATS). It is used to dissipate heat from surface-mount components like CPUs, GPUs, or power transistors.
---
### 1. Technical Specifications
Below are the primary electronic and physical characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Dimensions** | 40mm x 40mm x 30mm |
| **Fin Style** | Straight Fin (High Surface Area) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 5.63°C/W (at 1.0 m/s airflow) |
| **Compatibility** | Standard PCB hole patterns |
---
### 2. Design and Component Breakdown
#### A. The Heat Sink Body
The body is constructed from high-quality aluminum, which offers excellent thermal conductivity while remaining lightweight. The **30mm height** and straight-fin design are optimized for systems with active airflow (fans), allowing air to pass through the channels and carry heat away from the base.
#### B. The pushPIN™ Attachment System
Unlike adhesive-based heatsinks, the `ATS-02F-96-C2-R0` utilizes a mechanical **pushPIN™** system:
* **Spring-Loaded:** Provides consistent pressure on the electronic component (TIM - Thermal Interface Material).
* **Reliability:** Ensures the heatsink does not shift during vibrations or shipping.
* **Installation:** Requires pre-drilled holes in the PCB.
#### C. Thermal Interface Material (TIM)
The "R0" suffix generally indicates that the part comes with a pre-applied high-performance **Phase Change Material (PCM)** or thermal pad. This fills the microscopic air gaps between the electronic chip and the aluminum base to maximize heat transfer.
---
### 3. Electronic Application Use Cases
This specific part is typically found in the following electronic environments:
* **Embedded Systems:** Industrial PCs and controllers.
* **Networking Gear:** Cooling for ASICs in routers and switches.
* **Power Electronics:** Dissipating heat from VRMs (Voltage Regulator Modules) or MOSFETs.
---
- ⤷
What are the specific PCB hole patterns required for the pushPIN™ system?
- ⤷ How does the thermal resistance change at higher airflow speeds?
- ⤷ What is the weight of this heatsink to ensure it fits within my PCB's load limit?