ATS-02G-159-C1-R0
AI

The part number **ATS-02G-159-C1-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their *push-pin* attachment series designed for cooling electronic components like CPUs, GPUs, or FPGAs.
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 2.07°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 10.00mm |
| **Thermal Interface (TIM)** | T766 (Pre-applied) |
---
### 2. Physical Design and Construction
* **Heat Sink Geometry:** This model features a **Straight Fin** design. Straight fins allow for efficient airflow across the length of the sink, making it ideal for systems with directed forced-air cooling.
* **Material Choice:** It is made from high-grade aluminum. While copper has higher conductivity, aluminum is preferred for this application due to its lightweight nature and cost-effectiveness.
* **Blue Anodized Coating:** The blue finish isn't just aesthetic; it provides surface protection against corrosion and slightly increases emissivity for better radiant heat transfer.
---
### 3. Attachment Mechanism
The "R0" designation typically implies the specific mounting hardware configuration:
* **Push-Pins:** It utilizes brass push-pins that click into pre-drilled holes on a PCB (Printed Circuit Board).
* **Compression Springs:** These ensure a consistent, firm pressure between the heat sink and the electronic component, which is critical for maximizing thermal transfer.
* **TIM (Thermal Interface Material):** It comes with **T766** pre-applied. This is a "phase-change" or high-performance pad that fills microscopic air gaps between the component and the sink.
---
### 4. Component Application
This part is commonly used in the following scenarios:
1. **Telecommunications:** Cooling high-speed switching silicon.
2. **Embedded Computing:** Protecting industrial processors in fan-less or restricted airflow chassis.
3. **Power Electronics:** Managing heat for large MOSFET arrays or power modules.
- ⤷
What are the PCB hole diameter requirements for the ATS push-pin system?
- ⤷ How does the thermal resistance of this heat sink change at different airflow speeds (LFM)?
- ⤷ Can the T766 thermal interface material be replaced with standard thermal paste?