ATS-03A-75-C3-R0
AI

The **ATS-03A-75-C3-R0** is a high-performance electronic thermal management component, specifically a **push-pin style heat sink** manufactured by **Advanced Thermal Solutions (ATS)**.
Below is a detailed breakdown of its specifications and electronic application.
---
### 1. Technical Specifications
The part belongs to the **push-pin** series, designed for secure mechanical attachment to Printed Circuit Boards (PCBs).
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 15.02°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 10mm |
| **Fin Pattern** | Straight Fin |
---
### 2. Physical Design & Construction
* **The Body:** It is a low-profile heat sink (10mm height), making it ideal for compact electronic enclosures where vertical clearance is limited.
* **The Base:** A flat aluminum base designed to make direct contact with the Heat-Generating Component (CPU, GPU, or MOSFET).
* **The Fins:** Straight-cut fins allow for high-efficiency cooling in systems with consistent directional airflow.
---
### 3. Electronic Application
This part is commonly used to protect sensitive electronic components from overheating.
#### Typical Components Cooled:
* **BGA (Ball Grid Array) Chips:** Processors, FPGAs, and ASICs.
* **Power Electronics:** Voltage regulators and high-speed memory modules.
* **Embedded Systems:** Industrial PCs and networking switches.
#### Installation Hardware:
The **"75"** in the part number refers to the specific hole-to-hole spacing (in this case, typically for a specific PCB layout) and the **"C3"** indicates the spring and pin combination used to provide specific downward pressure (clamping force) on the electronic chip.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (Linear Feet per Minute - LFM):
| Airflow Rate (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 15.02 |
| **400 (2.0 m/s)** | 6.22 |
| **600 (3.0 m/s)** | 4.34 |
---
- ⤷What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate the required downward force for a push-pin heat sink?
- ⤷ Are there equivalent heat sinks with a higher profile for better cooling?