ATS-03B-08-C2-R0
AI

The **ATS-03B-08-C2-R0** is a specific electronic component known as a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is part of their "pushPIN™" series, designed for thermal management of semiconductors like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded plastic pins) |
| **Thermal Resistance** | 14.61 °C/W (at 100 LFM) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 15mm |
| **Fin Style** | Straight Fin |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **03**: Product family/series.
* **B**: Fin pitch/type configuration.
* **08**: Specific dimension/height code.
* **C2**: Thermal Interface Material (TIM) and finish code (typically indicates T766 phase change material).
* **R0**: RoHS compliance and revision status.
---
### 3. Key Electronic Functions
While a heat sink is a passive mechanical part, its role in an electronic circuit is critical for performance and safety:
* **Heat Dissipation:** It increases the surface area of the component it is attached to, allowing heat to transfer more efficiently into the surrounding air (convection).
* **Thermal Interface:** This specific model comes with **T766 TIM**, which fills microscopic air gaps between the component and the heat sink to ensure maximum heat transfer.
* **Protection:** By keeping the junction temperature ($T_j$) of a semiconductor within safe limits, it prevents thermal throttling or permanent hardware failure.
---
### 4. Mounting Hardware
The **pushPIN™** system used by this part includes:
1. **Brass or Plastic Pins:** Designed to fit into pre-drilled holes on the PCB.
2. **Compression Springs:** These provide consistent pressure (force) to ensure the heat sink remains in contact with the electronic component despite vibrations or thermal expansion.
- ⤷
What are the airflow requirements to achieve the rated 14.61 °C/W thermal resistance?
- ⤷ Is this heat sink compatible with standard BGA or LGA packages?
- ⤷ What is the specific benefit of the T766 Thermal Interface Material included with this part?