ATS-03B-155-C2-R0
AI

The **ATS-03B-155-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" component series, designed specifically for cooling electronic integrated circuits (ICs) and other heat-generating surface-mount components.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 20mm |
| **Attachment Type** | pushPIN™ |
| **Thermal Resistance (Flow)** | 5.37 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 1.97 °C/W @ 700 LFM |
| **Fin Style** | Straight Fin |
| **Weight** | ~45 grams |
---
### 2. Design and Component Breakdown
#### A. The Heat Sink Body
The body is constructed from **Aluminum 6063**, which offers high thermal conductivity. The **Blue Anodized** finish is not just for aesthetics; it provides surface protection and slightly increases emissivity for better radiant heat transfer.
#### B. Attachment Mechanism (pushPIN™)
The "B" in the part number signifies the attachment hardware. This part uses a spring-loaded push-pin system.
* **Benefits:** Ensures constant, uniform pressure (Clip Pressure) on the electronic component.
* **Reliability:** It is more secure than thermal adhesive tapes and less prone to failure under vibration.
#### C. Thermal Interface Material (TIM)
The **"C2"** designation typically indicates that the part comes pre-assembled with a high-performance Thermal Interface Material. This fills the microscopic air gaps between the component (CPU/GPU) and the heat sink to maximize heat flow.
---
### 3. Thermal Performance Profile
Thermal resistance is measured in Celsius per Watt (°C/W). A lower value indicates better cooling performance.
| Airflow Velocity (LFM) | 100 | 300 | 500 | 700 |
| :--- | :--- | :--- | :--- | :--- |
| **Resistance (°C/W) - Unducted** | 5.37 | 2.50 | 1.83 | 1.51 |
| **Resistance (°C/W) - Ducted** | 2.31 | 1.58 | 1.34 | 1.20 |
---
### 4. Typical Applications
* **BGA (Ball Grid Array) Cooling:** Used on microprocessors and chipsets.
* **Telecommunications:** Cooling of high-speed networking switches.
* **Embedded Systems:** Industrial PCs where space is limited but thermal loads are high.
- ⤷
What is the difference between ducted and unducted thermal resistance?
- ⤷ How do I calculate the required hole pattern on a PCB for the pushPIN attachment?
- ⤷ Are there alternative fin styles available for this specific footprint?