ATS-03B-33-C2-R0
AI

The **ATS-03B-33-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for cooling electronic components such as CPUs, GPUs, and other integrated circuits (ICs).
---
### 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 54.00 mm x 54.00 mm x 15.00 mm |
| **Mounting Style** | Push-Pin (2-hole) |
| **Attachment Material** | Brass (Spring-loaded) |
| **Thermal Resistance** | ~1.50 °C/W (at 200 LFM) |
| **Fin Pattern** | Straight |
---
### 2. Breakdown of the Model Number
The model number follows a specific nomenclature used by ATS to identify the cooling capability and mechanical design:
* **ATS:** Brand (Advanced Thermal Solutions).
* **03B:** Indicates the specific product family/series.
* **33:** Refers to the physical footprint and internal fin density configuration.
* **C2:** Designates the thermal performance level and material (Aluminum with Blue Anodize).
* **R0:** Revision code (Standard product line).
---
### 3. Key Electronic/Thermal Features
* **Push-Pin Mounting:** This part utilizes a pre-assembled push-pin and spring mechanism. This ensures consistent pressure on the electronic component, which improves heat transfer compared to adhesive-only solutions.
* **Thermal Interface Material (TIM):** Most "R0" variants come with a pre-applied thermal interface material on the base, reducing the thermal resistance between the component die and the heat sink.
* **Anodized Protection:** The blue anodized finish is not just aesthetic; it provides surface protection against corrosion and slightly increases thermal emissivity.
* **Airflow Optimization:** The straight-fin design is optimized for environments with forced-air cooling (fans), allowing air to flow through the channels efficiently.
---
### 4. Typical Applications
This component is typically found in the following electronic systems:
1. **Network Switches/Routers:** Cooling the main processing ASIC.
2. **Power Supplies:** Heat dissipation for MOSFETs or power regulators.
3. **Industrial PCs:** Cooling embedded processors in compact enclosures.
- ⤷
What are the alternative mounting options if push-pins are not compatible with my PCB?
- ⤷ How does thermal resistance change based on different airflow speeds (LFM)?
- ⤷ Is there a copper version of this specific heat sink for better conductivity?