ATS-03B-39-C2-R0
AI

The **ATS-03B-39-C2-R0** is a specific part number for a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is part of their "push-pin" series designed for cooling electronic components like CPUs, GPUs, or FPGAs.
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 40mm x 40mm x 10mm |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 18.94°C/W (Unducted Flow @ 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (High Performance) |
| **Fin Style** | Straight Fin |
---
## Key Components & Construction
### 1. The Heat Sink Body
Constructed from high-grade aluminum, the base absorbs heat from the electronic component. The blue anodized coating is not just for aesthetics; it provides surface protection and slightly improves radiation heat transfer.
### 2. Attachment Mechanism (Push-Pins)
Unlike adhesive-based heat sinks, the **-03B** variant uses brass push-pins.
* **Benefits:** Provides consistent pressure on the component, ensuring better thermal contact.
* **Security:** Mechanical attachment is more reliable than thermal tape in high-vibration environments.
* **Springs:** Usually paired with a compression spring to ensure the force applied does not crack the silicon die.
### 3. Thermal Interface Material (T766)
The "C2" in the part number indicates the specific TIM applied to the bottom. T766 is a high-performance phase-change or grease-like material that fills microscopic air gaps between the component and the heat sink.
---
## Part Number Breakdown
Understanding the nomenclature helps in identifying its features:
* **ATS**: Advanced Thermal Solutions (Manufacturer).
* **03**: Series identifier.
* **B**: Push-pin attachment type.
* **39**: Specific footprint/size code (40x40mm).
* **C2**: Indicates the specific Thermal Interface Material (T766).
* **R0**: RoHS compliance/revision status.
---
## Typical Applications
* **Telecommunications:** Cooling networking chips and routers.
* **Embedded Systems:** Industrial PCs where space is limited (low profile 10mm height).
* **Power Electronics:** Cooling MOSFETs or voltage regulators.
- ⤷
What are the PCB hole requirements for the push-pin installation?
- ⤷ How does the 10mm height affect thermal performance compared to taller variants?
- ⤷ Can the T766 thermal material be replaced with a different brand?