ATS-03B-40-C2-R0
AI

The **ATS-03B-40-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "Blue Ice" series, specifically designed for cooling electronic components such as CPUs, GPUs, and FPGA modules.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Dimensions** | 40mm x 40mm x 25mm |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Resistance** | 14.56°C/W (Unducted Flow) |
| **Fin Style** | Straight Fin |
| **ROHS Status** | Compliant |
---
### 2. Key Design Components
#### A. Attachment Mechanism: Push-Pins
Unlike adhesive-based heat sinks, this model uses a **Push-Pin** system.
* **Benefits:** Provides constant pressure for better thermal interface material (TIM) performance and allows for easy removal/rework.
* **Springs:** Usually paired with a compression spring to ensure the heat sink remains in contact with the chip during vibrations or thermal expansion.
#### B. Material and Coating
* **Aluminum Body:** Chosen for its balance between thermal conductivity and lightweight properties.
* **Blue Anodizing:** This is not just for aesthetics; the anodized surface increases the emissivity of the metal, slightly improving heat dissipation through radiation and protecting the aluminum from corrosion.
#### C. Fin Geometry
The **Straight Fin** design is optimized for environments where there is a clear, directional airflow (forced convection). Because the fins are 25mm high, it offers a large surface area for heat exchange compared to low-profile alternatives.
---
### 3. Thermal Performance Indicators
The efficiency of this part depends heavily on the airflow speed (Measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 200 | 1.0 | 4.90 |
| 400 | 2.0 | 3.20 |
| 600 | 3.0 | 2.50 |
---
### 4. Application Use Cases
* **Network Switches/Routers:** Cooling high-speed processing chips.
* **Industrial Power Supplies:** Managing heat in MOSFETs or IGBTs.
* **Embedded Systems:** Used in PC104 or custom PCB builds where mechanical mounting holes are available.
- ⤷
What are the specific hole patterns required on a PCB for this push-pin mount?
- ⤷ How does 'Unducted' vs 'Ducted' airflow affect the thermal resistance calculation?
- ⤷ Are there specific thermal interface materials (TIM) recommended for the ATS-03B series?