ATS-03B-46-C2-R0
AI

The **ATS-03B-46-C2-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for cooling integrated circuits (ICs), such as CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS. Below is a breakdown of the electronic and mechanical properties:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (High Thermal Conductivity) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Style** | Straight Fin (Maximized surface area) |
| **Thermal Resistance** | ~11.74 °C/W (at 100 LFM) |
| **Dimensions** | 25.0mm x 25.0mm x 25.0mm |
| **Weight** | ~35.0 Grams |
---
### 2. Key Components & Technologies
#### A. The pushPIN™ Attachment System
The "03B" in the part number indicates a specific pushPIN™ assembly. This system replaces traditional adhesive tapes with a mechanical connection.
* **Compression Springs:** Provide a precise amount of pressure (Force) to ensure optimal contact between the heat sink and the electronic component.
* **Plastic/Brass Pins:** Inserted into pre-drilled holes on the Printed Circuit Board (PCB) for a secure fit.
#### B. Thermal Interface Material (TIM)
The "C2" designation refers to the thermal interface material applied to the base.
* **T766 Phase Change Material:** This is pre-applied to the bottom. When the electronic part heats up, this material softens to fill microscopic air gaps between the chip and the heat sink, significantly improving heat transfer.
#### C. Straight Fin Design
The straight fin geometry is optimized for **forced air cooling** (environments with fans). The spacing between the aluminum fins is calculated to reduce pressure drop while maximizing the heat dissipation area.
---
### 3. Applications
This part is typically used in the following electronic sectors:
1. **Telecommunications:** Cooling of high-speed processors in routers and switches.
2. **Embedded Systems:** Industrial PCs where vertical space is limited to 25mm.
3. **Power Electronics:** Dissipating heat from Voltage Regulator Modules (VRMs).
---
- ⤷What is the difference between blue anodized and black anodized coatings for heat sinks?
- ⤷ How do I determine if my PCB layout is compatible with the pushPIN attachment?
- ⤷ What is the specific thermal conductivity of the T766 phase change material?