ATS-03B-47-C2-R0
AI

The **ATS-03B-47-C2-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to cool electronic components such as processors, GPUs, or power modules.
---
### 1. Technical Specifications
The following table summarizes the key physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Thermal Resistance** | 9.30°C/W (at 200 LFM) |
| **Dimensions** | 36.83mm x 36.83mm |
| **Height** | 12.7mm |
| **Attachment Method** | Push Pin (Brass) |
| **Pressure Spring** | Low Compression |
---
### 2. Electronic Application and Design
The ATS-03B-47-C2-R0 is engineered for specific cooling requirements in dense electronic environments.
#### Thermal Performance
The heat sink features a **straight-fin** geometry. This design is optimized for environments where there is a consistent directional airflow (forced convection). The low thermal resistance (9.30°C/W) indicates it can dissipate heat efficiently, preventing thermal throttling or failure of the underlying semiconductor.
#### Attachment Mechanism (Push Pin)
Unlike adhesive-based heat sinks, this model uses a mechanical push-pin system:
* **Reliability:** Mechanical pins provide consistent downward pressure on the component, improving the efficiency of the Thermal Interface Material (TIM).
* **Pre-drilled Holes:** This requires the Printed Circuit Board (PCB) to have specific mounting holes spaced to match the pins.
* **Ease of Maintenance:** It can be removed and reapplied more easily than epoxy-bonded sinks.
#### Material and Finish
The use of **Aluminum** ensures a lightweight profile (preventing mechanical stress on the PCB) while maintaining high thermal conductivity. The **Blue Anodized** finish is not just for aesthetics; it provides surface protection against corrosion and increases emissivity for better radiant heat transfer.
---
### 3. Common Use Cases
* **Telecommunications:** Cooling of routers and network switch chips.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Dissipating heat from high-current voltage regulators.
---
- ⤷
What are the PCB hole spacing requirements for the ATS-03B-47-C2-R0?
- ⤷ How does 'LFM' (Linear Feet per Minute) impact the thermal resistance of this heat sink?
- ⤷ Can this heat sink be used with a pre-applied Phase Change Material (PCM)?