ATS-03B-50-C2-R0
AI

The **ATS-03B-50-C2-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "Blue Ice" series, designed primarily for cooling high-power electronic components like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (2-Pin) |
| **Spring Type** | Brass |
| **Dimensions (L x W x H)** | 40mm x 40mm x 15mm |
| **Thermal Resistance** | ~9.03 °C/W (@ 1.0 m/s airflow) |
| **Flow Direction** | Omni-directional (Pin Fin design) |
| **Thermal Interface Material** | T766 (Pre-applied Phase Change Material) |
---
### 2. Key Electronic Features
#### A. Pin Fin Technology
Unlike standard straight-fin heat sinks, the ATS-03B-50-C2-R0 uses a **pin fin** geometry.
* **Omni-directional Airflow:** This allows the heat sink to function effectively regardless of the direction of the airflow across the PCB.
* **Turbulence Induction:** The pins create micro-turbulence, which breaks down the boundary layer of air and increases the efficiency of heat transfer away from the electronic package.
#### B. Push-Pin Attachment Mechanism
This part utilizes a mechanical fastening system rather than adhesive tape:
* **Spring-Loaded:** The brass springs ensure a specific, constant pressure (Contact Pressure) is applied to the chip. This minimizes air gaps between the chip and the heat sink.
* **Reliability:** Mechanical fasteners are preferred in high-vibration environments (like telecommunications or industrial machinery) where thermal tape might fail.
#### C. Pre-Applied Thermal Interface Material (TIM)
The "C2" suffix indicates that it comes with **T766 phase-change material**.
* When the electronic component reaches a certain temperature, the T766 material changes from a solid to a semi-liquid state, filling all microscopic surface irregularities for maximum thermal conductivity.
---
### 3. Common Applications
This heat sink is typically found in the following electronic systems:
1. **Network Switches/Routers:** Cooling high-speed processing chips.
2. **Embedded Computing:** Protecting SOCs (System on Chips) in industrial PCs.
3. **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What is the hole-to-hole spacing required on the PCB for this push-pin mount?
- ⤷ How does the T766 phase change material compare to standard thermal grease?
- ⤷ What are the specific thermal resistance values at different airflow velocities (LFM)?